Part Number Hot Search : 
MDR2100 6715MMM DM78L06A LY621 TMP8155P T5100150 ULQ2003A UPD7801
Product Description
Full Text Search
 

To Download 2SB772 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 UTC 2SB772
PNP EPITAXIAL SILICON TRANSISTOR
MEDIUM POWER LOW VOLTAGE TRANSISTOR
DESCRIPTION
The UTC 2SB772 is a medium power low voltage transistor, designed for audio power amplifier, DC-DC converter and voltage regulator.
FEATURES
*High current output up to 3A *Low saturation voltage *Complement to 2SD882
1
TO-126
1:EMITTER
2:COLLECTOR
3:BASE
ABSOLUTE MAXIMUM RATINGS ( Ta=25C ,unless otherwise specified )
PARAMETER
Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Dissipation( Tc=25C) Collector Dissipation( Ta=25C) Collector Current(DC) Collector Current(PULSE) Base Current Junction Temperature Storage Temperature
SYMBOL
VCBO VCEO VEBO Pc Pc Ic Ic IB Tj TSTG
VALUE
-40 -30 -5 10 1 -3 -7 -0.6 150 -55 ~ +150
UNIT
V V V W W A A A C C
ELECTRICAL CHARACTERISTICS(Ta=25C,unless otherwise specified)
PARAMETER
Collector Cut-Off Current Emitter Cut-Off Current DC Current Gain(note 1)
SYMBOL
TEST CONDITIONS
VCB=-30V,IE=0 VEB=-3V,Ic=0 VCE=-2V,Ic=-20mA VCE=-2V,Ic=-1A Ic=-2A,IB=-0.2A Ic=-2A,IB=-0.2A VCE=-5V,Ic=-0.1A VCB=-10V,IE=0,f=1MHz
MIN
TYP
MAX
-1000 -1000
UNIT
nA nA
ICBO IEBO hFE1 hFE2 Collector-Emitter Saturation Voltage VCE(sat) Base-Emitter Saturation Voltage VBE(sat) Current Gain Bandwidth Product fT Output Capacitance Cob Note 1:Pulse test:PW<300s,Duty Cycle<2%
30 100
200 150 -0.3 -1.0 80 45
400 -0.5 -2.0
V V MHz pF
UTC
UNISONIC TECHNOLOGIES
CO. LTD
1
QW-R204-002,A
UTC 2SB772
RANK RANGE
PNP EPITAXIAL SILICON TRANSISTOR
Q 100-200 P 160-320 E 200-400
CLASSIFICATION OF hFE2
TYPICAL PERFORMANCE CHARACTERISTICS
Fig.1 Static characteristics
150
Fig.2 Derating curve of safe operating areas
12
Fig.3 Power Derating
-Ic,Collector current(A)
1.6
- Ic Derating(%)
1.2
-IB=6mA -IB=5mA
100
Power Dissipation(W)
150 200
-IB=9mA -IB=8MA -IB=7mA
S/
8
b
lim
0.8
ite d
io at ip ss Di
-IB=4mA -IB=3mA
0.4
50
4
n lim
-IB=2mA -IB=1mA
0 0 4 8 12 16 20 -50 0 50
ite d
0
0 100 -50 0 50 100 150 200
-Collector-Emitter voltage(V)
Tc,Case Temperature(C)
Tc,Case Temperature(C)
Fig.4 Collector Output capacitance
3 10 3 10
Fig.5 Current gainbandwidth product
1 10
Fig.6 Safe operating area
Ic(max),Pulse Ic(max),DC
10 mS 1m S
S 1m 0.
Output Capacitance(pF)
FT(MHz), Current gainbandwidth product
2 10
IE=0 f=1MHz
VCE=5V
2 10
-Ic,Collector current(A)
10
0
IB=8mA
1 10
1 10
-1 10
0 10 10
0
-1 10
-2 10
-3 10
0 10
-2 10
-1 10
10
0
1 10
-2 10 10
0
1 10
2 10
-Collector-Base Voltage(v)
Ic,Collector current(A)
Collector-Emitter Voltage
Fig.7 DC current gain
3 10 4 10
Fig.8 Saturation Voltage
VCE=-2V -Saturation Voltage(mV)
DC current Gain,H FE
3 10
VBE(sat)
2 10
2 10
1 10
VCE(sat)
1 10
0 10 0 10 1 10 2 10 3 10 4 10
0 10
0 10
1 10
2 10
3 10
4 10
-Ic,Collector current(mA)
-Ic,Collector current(mA)
UTC
UNISONIC TECHNOLOGIES
CO. LTD
2
QW-R204-002,A


▲Up To Search▲   

 
Price & Availability of 2SB772

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X